Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54WS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54WS Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54WS_08 Datasheet HTML 1Page - Diodes Incorporated BAT54WS_08 Datasheet HTML 2Page - Diodes Incorporated BAT54WS_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54WS
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.001
0.01
0.1
10
1
100
0
510
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
0
2
4
10
8
6
12
0
10
15
5
20
30
25
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
f = 1.0MHz
0.1
1
1,000
100
10
0
50
100
150
T , JUNCTION TEMPERATURE ( C)
Fig. 4 Typical Reverse Characteristics
J
°
V = 25V
R
0
100
025
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
Fig. 5 Power Derating Curve
A
°
200
150
BAT54WS
Document number: DS30098 Rev. 11 - 2
2 of 3
www.diodes.com
August 2008
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com