Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F7F60C3M Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # F7F60C3M
Description  Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

F7F60C3M Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  F7F60C3M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd F7F60C3M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
(MOSFET〈2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
14
10
12
0
8
4
6
2
14
10
12
0
8
4
6
2
出力特性
Typical Output Characteristics
05
10
20
25
15
Tc=25℃
TYP
V
VGGSS=4V
=4V
VGS=4V
Pulse measurement
伝達特性
Transfer Characteristics
05
10
20
15
VDS=20V
TYP
Tc=−55
Tc=−55℃
℃
25
25℃
℃
Tc=−55℃
25℃
Pulse measurement
150
 150℃
℃
150℃
100
 100℃
℃
100℃
ドレイン・ソース間オン抵抗─ドレイン電流
Static Drain-Source On-static Resistance vs Drain Current
ドレイン・ソース間オン抵抗─ケース温度
Static Drain-Source On-static Resistance vs Case Temperature
1
2
10
5
0.
2
0.
1
0.
5
1
2
10 14
5
VGS=10V
Tc=25℃
TYP
Pulse measurement
10
1
0.
01
0.
1
10
1
0.
01
0.
1
−55
0
100
150
50
−55
0
100
150
50
VGS=10V
Pulse test
TYP
Pulse measurement
IIDD==3.
5
3.
5A
A
ID=3.
5A
ゲートしきい値電圧─ケース温度
Gate Threshold Voltage vs Case
Temperature
5
0
4
3
2
1
VDS=10V
ID=0.
35mA
TYP
Pulse measurement
安全動作領域
Safe Operating Area
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
10
7
50
21
14
0.
01
1
0.
1
10
0
600
100
Tc=25℃
Single pulse
RRDS
DS(
(on
on)
)
Restricted space
Restricted space
RDS(on)
Restricted space
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
200μs
200μs
200μs
100μs
100μs
100μs
10μs
10μs
10μs
過渡熱抵抗
Transient Thermal Impedance
10-4
10-5
10-3 10-2 10-1 100
103
102
101
Time t〔s〕
キャパシタンス特性
Capacitance Characteristics
10000
1000
1
100
10
f=1MHz
Tc=25℃
TYP
0
20
80
100
40
60
0
100
60
80
40
20
全損失減少率─ケース温度
Power Derating - Case Temperature
0
25
50
75
125
150
100
VVGGSS
VGS
VVDS
DS
VDS
0
15
20
10
5
ゲートチャージ特性
0
400
500
300
200
100
Gate Charge Characteristics
0
10
20
40
50
30
ID=7A
TYP
VVDD
DD
==224
224V
V
112
112V
V
56
56V
V
VDD=224V
112V
56V
Drain Source Voltage VDS〔V〕
Gate Source Voltage VGS〔V〕
Drain Current ID〔A〕
Case Temperature Tc〔℃〕
Case Temperature Tc〔℃〕
Drain Source Voltage VDS〔V〕
Drain Source Voltage VDS〔V〕
Case Temperature Tc〔℃〕
Total Gate Charge Qg〔nC〕
θ
θjcjc
θjc
V
VGGSS==5
5V
V
VGS=5V
V
VGGSS==10
10V
V
8
8V
V
6
6V
V
VGS=10V
8V
6V
F7F60C3M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com