Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4413 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMDT4413
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4413 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMDT4413 Datasheet HTML 1Page - Diodes Incorporated MMDT4413 Datasheet HTML 2Page - Diodes Incorporated MMDT4413 Datasheet HTML 3Page - Diodes Incorporated MMDT4413 Datasheet HTML 4Page - Diodes Incorporated MMDT4413 Datasheet HTML 5Page - Diodes Incorporated MMDT4413 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30121 Rev. 10 - 2
3 of 6
www.diodes.com
MMDT4413
© Diodes Incorporated
Electrical Characteristics, PNP 4403 Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
⎯
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICEX
⎯
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
Base Cutoff Current
IBL
⎯
-100
nA
VCE = -35V, VEB(OFF) = -0.4V
ON CHARACTERISTICS (Note 6)
DC Current Gain
hFE
30
60
100
100
20
⎯
⎯
⎯
300
⎯
⎯
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -150mA, VCE = -2.0V
IC = -500mA, VCE = -2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.40
-0.75
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.75
⎯
-0.95
-1.30
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Ccb
⎯
8.5
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Ceb
⎯
30
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.5
15
k
Ω
Voltage Feedback Ratio
hre
0.1
8.0
x 10
-4
Small Signal Current Gain
hfe
60
500
⎯
Output Admittance
hoe
1.0
100
μS
VCE = -10V, IC = -1.0mA, f = 1.0kHz
Current Gain-Bandwidth Product
fT
200
⎯
MHz
VCE = -10V, IC = -20mA, f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
⎯
15
ns
Rise Time
tr
⎯
20
ns
VCC = -30V, IC = -150mA,
VBE(off) = -2.0V, IB1 = -15mA
Storage Time
ts
⎯
225
ns
Fall Time
tf
⎯
30
ns
VCC = -30V, IC = -150mA,
IB1 = IB2 = -15mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com