Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2003B Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2003B
Description  Dual Full-bridge PWM Stepper Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2003B Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2003B Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2003B Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2003B Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2003B Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MTD2003B Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Stepper Motor Driver IC
W1002
MTD2003B
Shindengen Electric Mfg.Co.Ltd
■Thermal resistance
■Electrical Characteristics
θja
25
Symbol
Rating
Unit
℃/W
Vcc=5V , Ta=25℃ unless otherwise specified
Upper transistor saturation voltage
Uppre diode forward drop
V
CE(sat)H
V
CE(sat)L
IrL
V
FH
V
FL
I
C=1.0A
I
C=1.0A
V
OUT=35V, VRS=0V
I
F=1.0A
I
F=1.0A
-
1.2
1.4
-
0.7
1.0
-
-
10
-
1.4
1.6
-
1.3
1.5
V
V
μA
V
V
Upper transistor leak current
IrH
Vmm=35V, V
OUT=0V
-
-
10
μA
Lower transistor saturation voltage
Lower transistor leak current
Lower diode forward drop
IN "H" input voltage
Logic supply current (2circuit ON)
I0,I1 "H"input voltage
Comparator threshhold (100%)
Chopping frequency
Blanking time
I
CC(OFF)
V
INH
V
INL
I
CC(ON)
I
INH
I
INL
V
I0/I1H
V
I0/I1L
I
I0/I1H
I
I0/I1L
Iref
Is
Vs1
f
CHOP
tb
V
IN=all 0V or all 5V
V
IN=3.3 or 5V
V
IN=0V
V
I0/I1=3.3 or 5V
V
I0/I1=0V
Vr=5V
Vs=0V
Vr=5V, V
I0=0V, VI1=0V
Ct=3300pF
-
15
25
2.3
-
Vcc
GND
-
0.6
-
50
65
-
-
10
-
-3
-20
2.3
-
Vcc
GND
-
0.6
-
-
10
-
-75
-100
-
500
650
-
-1
-10
-
20
-
-
1.55
-
mA
V
V
mA
μA
μA
V
V
μA
μA
μA
μA
V
kHz
μs
Vs2
V
Vs3
V
Vr=5V, V
I0=5V, VI1=0V
Vr=5V, V
I0=0V, VI1=5V
0.475
0.5
0.525
0.322
0.35
0.378
0.153
0.17
0.187
Logic supply current (2circuit OFF)
IN "L" input voltage
IN "H" input current
IN "L" input current
I0,I1 "L"input voltage
I0,I1 "H"input current
I0,I1 "L"input current
Vr input current
Vs input current
Comparator threshhold (70%)
Comparator threshhold (33%)
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
●Output stage
●Logic stage
Vs maximum voltage
Vs(max)
-
-
1.5
V
■Recommended operation conditions
Vmm
Vcc
Parameter
Symbol
Recommendation
Unit
Junction temperature
Tj
-25∼120
℃
Load supply
5∼31
V
Logic supply
4.75∼5.25
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com