Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S30SC6MT Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S30SC6MT
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S30SC6MT Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S30SC6MT Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S30SC6MT Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(J533-P〈2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
40
0
30
35
25
20
15
10
5
順方向特性
Forward Voltage
10
0.
1
100
1
0
0.
5
2
1.
5
1
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc= 25℃(MAX)
Tc= 25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
400
250
200
150
300
350
100
50
01
100
50
10
5
2
20
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
接合容量
Junction Capacitance
逆電力損失曲線
Reverse Power Dissipation
逆方向特性
Reverse Current
5000
10
1000
100
500
50
2000
200
20
0.
1
60
20
10
1
5
0.
5
2
0.
2
0
15
20
5
10
25
30
35
40
020
103070
60
50
40
1000
0.
01
0.
001
0.
1
1
100
10
0
10
20
50
60
30
40
Tj=150℃
D=tp/T
T
tp
0
IO
DC
D=0.
05
0.
1
0.
2
0.
3
0.
5
SIN
0.
8
DC
D=0.
05
0.
1
0.
2
0.
3
0.
5
SIN
0.
8
Tc=100℃(TYP)
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc= 75℃(TYP)
Tc= 50℃(TYP)
Tc= 25℃(TYP)
Tj=150℃
D=tp/T
T
tp
0
VR
0
10
30
40
50
20
過渡熱抵抗
Transient Thermal Impedance
10
0.01
1
0.1
10-4
10-3
10-2
10-1
100
101
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
0
10
20
30
60
40
50
0
20
40
60
80 100
160
140
120
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
D=tp/T
VR=30V
T
tp
0
0
IO
VR
Case Temperature Tc 〔℃〕
θ
θjcjc
θjc
f=1MHz
Tc=25℃
TYP
Per diode
Pulse measurement
Per diode
Pulse measurement
Per diode
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Time t〔s〕
S30SC6MT
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com