Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40TW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS40TW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40TW Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS40TW Datasheet HTML 1Page - Diodes Incorporated BAS40TW Datasheet HTML 2Page - Diodes Incorporated BAS40TW Datasheet HTML 3Page - Diodes Incorporated BAS40TW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS40TW /DW-04
/DW-05 /DW-06 /BRW
Ordering Information (Note 6)
Part Number
Case
Packaging
BAS40TW-7-F
SOT-363
3000/Tape & Reel
BAS40DW-04-7-F
SOT-363
3000/Tape & Reel
BAS40DW-05-7-F
SOT-363
3000/Tape & Reel
BAS40DW-06-7-F
SOT-363
3000/Tape & Reel
BAS40BRW-7-F
SOT-363
3000/Tape & Reel
Notes:
6. Fo
o to our website at http://www.diodes.c
ets/ap02007.pdf.
r packaging details, g
om/datashe
Marking Information
Kxx = Product Type Marking Code
4
guration, orientation indicator as shown
K43 = BAS40TW
K44 = BAS40DW-0
K45 = BAS40DW-05
K46 = BAS40DW-06
K47 = BAS40BRW
For Assymetrical Confi
For Symmetrical Configuration, no orientation indicator
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = Septe
Kxx
Kxx YM
mber)
Date Code Key
BAS40TW /DW-04
/DW-05 /DW-06 /BRW
Document number: DS30156 Rev. 13 - 2
3 of 4
www.diodes.com
July 2008
© Diodes Incorporated
Year
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
Suggested Pad Layout
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
0°
8°
A
imen
ns in
ll D
sio
mm
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C
1.9
E
0.65
M
J
L
D
B C
H
K
F
X
Z
Y
C
E
E
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com