Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA63 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMSTA63
Description  PNP SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA63 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMSTA63 Datasheet HTML 1Page - Diodes Incorporated MMSTA63 Datasheet HTML 2Page - Diodes Incorporated MMSTA63 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMSTA63/MMSTA64
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Types Available
(MMSTA13/MMSTA14)
•
Ultra-Small Surface Mount Package
•
Ideal for Medium Power Amplification and Switching
•
High Current Gain
•
Lead Free/RoHS Compliant (Note 2)
•
"Green" Device (Note 3 and 4)
Mechanical Data
DS30159 Rev. 9 - 2
1 of 3
www.diodes.com
MMSTA63/MMSTA64
© Diodes Incorporated
•
Case: SOT-323
•
Case Material: Molded Plastic, "Green" Molding
Compound, Note 4. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
•
MMSTA63 Marking K2E, K3E, See Page 3
•
MMSTA64 Marking K3E, See Page 3
•
Ordering & Date Code Information: See Page 3
•
Weight: 0.006 grams (approximate)
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
α
0
°
8
°
All Dimensions in mm
A
M
J
L
E
D
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-10
V
Collector Current - Continuous
IC
-500
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
C
E
B
B C
H
K
BE
C
G


Similar Part No. - MMSTA63

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA63 DIODES-MMSTA63 Datasheet
46Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30159 Rev. 3 - 2
MMSTA63 DIODES-MMSTA63 Datasheet
80Kb / 4P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30159 Rev. 8 - 2
logo
Guangdong Kexin Industr...
MMSTA63 KEXIN-MMSTA63 Datasheet
142Kb / 3P
PNP Surface Mount Darlington Transistor
logo
Diodes Incorporated
MMSTA63-7 DIODES-MMSTA63-7 Datasheet
46Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30159 Rev. 3 - 2
MMSTA63-7-F DIODES-MMSTA63-7-F Datasheet
80Kb / 4P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30159 Rev. 8 - 2
More results

Similar Description - MMSTA63

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63 Datasheet
46Kb / 2P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 3 - 2
logo
Central Semiconductor C...
CXTA62 CENTRAL-CXTA62 Datasheet
69Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
73Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63_1 Datasheet
79Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 7 - 2
MMSTA63 DIODES-MMSTA63_1 Datasheet
80Kb / 4P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30159 Rev. 8 - 2
MMBTA63 DIODES-MMBTA63_2 Datasheet
110Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 8 - 2
MMBTA63 DIODES-MMBTA63_15 Datasheet
110Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 8
MMSTA63 DIODES-MMSTA63_15 Datasheet
113Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Guangdong Kexin Industr...
MMSTA63 KEXIN-MMSTA63 Datasheet
142Kb / 3P
PNP Surface Mount Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com