Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4126 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST4126
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4126 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST4126_2 Datasheet HTML 1Page - Diodes Incorporated MMST4126_2 Datasheet HTML 2Page - Diodes Incorporated MMST4126_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMST4126
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (MMST4124)
•
Ideal for Medium Power Amplification and Switching
•
Ultra-Small Surface Mount Package
•
Lead Free/RoHS Compliant (Note 2)
•
"Green" Device (Notes 3 and 4)
Mechanical Data
•
Case: SOT-323
•
Case Material: Molded Plastic, "Green" Molding
Compound, Note 4. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.006 grams (approximate)
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
α
0
°
8
°
All Dimensions in mm
E
B
C
A
M
J
L
F
D
B C
H
K
G
BE
C
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-4.0
V
Collector Current - Continuous (Note 1)
IC
-200
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-25
⎯
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-25
⎯
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-4.0
⎯
V
IE = -10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
-50
nA
VCB = -20V, IE = 0V
Emitter Cutoff Current
IEBO
⎯
-50
nA
VEB = -3.0V, IC = 0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
120
60
360
⎯
⎯
IC = -2.0mA, VCE = -1.0V
IC = -50mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.40
V
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-0.95
V
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
4.5
pF
VCB = -5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
⎯
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Small Signal Current Gain
hfe
120
480
⎯
VCE = 1.0V, IC = -2.0mA, f = 1.0kHz
Current Gain-Bandwidth Product
fT
250
⎯
MHz
VCE = -20V, IC = -10mA, f = 100MHz
Noise Figure
NF
⎯
4.0
dB
VCE = -5.0V, IC = -100μA,
RS = 1.0kΩ, f = 1.0kHz
Note:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration pulse test used to minimize self-heating effect.
DS30161 Rev. 7 - 2
1 of 3
www.diodes.com
MMST4126
© Diodes Incorporated


Similar Part No. - MMST4126_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST4126-7-F DIODES-MMST4126-7-F Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST4126-7-F DIODES-MMST4126-7-F Datasheet
360Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 9
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST4126 DIODES-MMST4126_15 Datasheet
137Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
MMST4126 DIODES-MMST4126_16 Datasheet
360Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 9
More results

Similar Description - MMST4126_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com