Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA13
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA13 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA13_2 Datasheet HTML 1Page - Diodes Incorporated MMSTA13_2 Datasheet HTML 2Page - Diodes Incorporated MMSTA13_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Emitter Breakdown Voltage
V(BR)CEO
30
⎯
V
IC = 100μA VBE = 0V
Collector Cutoff Current
ICBO
⎯
100
nA
VCB = 30V, IE = 0
Emitter Cutoff Current
IEBO
⎯
100
nA
VEB = 10V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
MMSTA13
MMSTA14
MMSTA13
MMSTA14
hFE
5,000
10,000
10,000
20,000
⎯
⎯
IC = 10mA, VCE = 5.0V
IC = 10mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
1.5
V
IC = 100mA, IB = 100μA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
2.0
V
IC = 100mA, VCE = 5.0V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
8.0 Typical
pF
VCB = 10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
15 Typical
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
125
⎯
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Note:
5. Short duration pulse test used to minimize self-heating effect.
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs. Ambient Temperature
A
100
150
200
0
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0.45
0.40
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.10
1.05
1.00
I
I
C
B
= 1000
100
1,000
100,000
1,000,000
10,000
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 3, DC Current Gain vs. Collector Current
C
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Base Emitter Voltage vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0.3
0.2
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.6
1.5
1.4
V
= 5V
CE
DS30165 Rev. 9 - 2
2 of 3
www.diodes.com
MMSTA13/MMSTA14
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com