Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV199
Description  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV199 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV199 Datasheet HTML 1Page - Diodes Incorporated BAV199 Datasheet HTML 2Page - Diodes Incorporated BAV199 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV199
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Features
•
Surface Mount Package Ideally Suited for Automated Insertion
•
Very Low Leakage Current
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish - Matte Tin Solderable per MIL-STD-202,
Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.008 grams (approximate)
SOT-23
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 2)
Single diode
Double diode
IFM
160
140
mA
Repetitive Peak Forward Current (Note 2)
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
85
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 1)
IR
⎯
⎯
5.0
80
nA
nA
VR = 75V
VR = 75V, TJ = 150°C
Total Capacitance
CT
⎯
2
⎯
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
3.0
μs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAV199
Document number: DS30232 Rev. 8 - 2
1 of 3
www.diodes.com
May 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
More results

Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
BAV199 DIODES-BAV199_1 Datasheet
355Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 6 - 2
logo
Galaxy Semi-Conductor H...
BAV199 BILIN-BAV199 Datasheet
171Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
106Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 9 - 2
BAV199W DIODES-BAV199W_08 Datasheet
116Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
BAV170 DIODES-BAV170_15 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 11
BAV199 DIODES-BAV199_15 Datasheet
85Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 9
logo
Unisonic Technologies
BAV199 UTC-BAV199_15 Datasheet
117Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Diode Semiconductor Kor...
BAV199 DSK-BAV199 Datasheet
218Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170_18 Datasheet
290Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com