Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0530WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B0530WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0530WS Datasheet(HTML) 2 Page - Diodes Incorporated

  B0530WS Datasheet HTML 1Page - Diodes Incorporated B0530WS Datasheet HTML 2Page - Diodes Incorporated B0530WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B0530WS
Document number: DS30249 Rev. 13 - 2
2 of 3
www.diodes.com
December 2008
© Diodes Incorporated
B0530WS
0
240
210
180
150
120
90
60
30
00.1
0.2
0.3
0.4
0.5
0.6
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0.1
1
10
0.01
0.001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 100ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
T = 125ºC
A
T = -65ºC
A
0.001
0.1
0.01
100
1,000
10,000
0
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
10
20
30
10
1
T = -65ºC
A
T = 25ºC
A
T = 75ºC
A
T = 100ºC
A
T = 125ºC
A
T = 0ºC
A
0
70
50
60
40
30
20
10
0
10
15
520
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
f = 1MHz
0
0.2
0.1
0.4
0.3
050
100
150
T , TERMINAL TEMPERATURE ( C)
Fig. 5 Forward Current Derating Curve
T
°
0.7
0.6
0.5
0.8
25
75
125
Note 5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com