Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDMP0340LT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDMP0340LT
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDMP0340LT Datasheet(HTML) 3 Page - Diodes Incorporated

  SDMP0340LT Datasheet HTML 1Page - Diodes Incorporated SDMP0340LT Datasheet HTML 2Page - Diodes Incorporated SDMP0340LT Datasheet HTML 3Page - Diodes Incorporated SDMP0340LT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDMP0340LT /LST /LCT /LAT
Ordering Information (Note 6)
SDMP0340LT /LST /LCT /LAT
Document number: DS30266 Rev. 11 - 2
3 of 4
www.diodes.com
July 2008
© Diodes Incorporated
Device
Packaging
Shipping
SDMP0340LT-7-F
SOT-523
3000/Tape & Reel
SDMP0340LST-7-F
SOT-523
3000/Tape & Reel
SDMP0340LCT-7-F
SOT-523
3000/Tape & Reel
SDMP0340LAT-7-F
SOT-523
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xx = Product Type Marking Code
SM = SDMP0340LT
SQ = SDMP0340LAT
SP = SDMP0340LCT
SN = SDMP0340LST
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
xx
YM
Date Code Key
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
M
J
L
D
B C
H
K
G
TOP VIEW
N
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
⎯
⎯
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
0°
8°
⎯
α
All Dimensions in mm
Suggested Pad Layout
X
E
Y
C
Z
Dimensions
Value (in mm)
Z
1.8
X
0.4
Y
0.51
C
1.3
E
0.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com