Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA2N1P Datasheet(PDF) 3 Page - Diodes Incorporated

Part # CTA2N1P
Description  COMPLEX TRANSISTOR ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2N1P Datasheet(HTML) 3 Page - Diodes Incorporated

  CTA2N1P Datasheet HTML 1Page - Diodes Incorporated CTA2N1P Datasheet HTML 2Page - Diodes Incorporated CTA2N1P Datasheet HTML 3Page - Diodes Incorporated CTA2N1P Datasheet HTML 4Page - Diodes Incorporated CTA2N1P Datasheet HTML 5Page - Diodes Incorporated CTA2N1P Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30295 Rev. 7 - 2
3 of 6
www.diodes.com
CTA2N1P
© Diodes Incorporated
MMBT4401 Section
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs.
Ambient Temperature (Total Device)
A
150
200
0
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
T = -25°C
A
T = +25°C
A
T = 125°C
A
V
= 1.0V
CE
1.0
5.0
20
10
30
0.1
10
1.0
50
REVERSE VOLTAGE (V)
Fig. 3 Typical Capacitance
C
obo
C
ibo
0.001
0.01
1
10
0.1
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I , BASE CURRENT (mA)
Fig. 4 Typical Collector Saturation Region
B
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com