Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ33VAL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ33VAL
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ33VAL Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ33VAL Datasheet HTML 1Page - Diodes Incorporated MMBZ33VAL Datasheet HTML 2Page - Diodes Incorporated MMBZ33VAL Datasheet HTML 3Page - Diodes Incorporated MMBZ33VAL Datasheet HTML 4Page - Diodes Incorporated MMBZ33VAL Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
1 of 5
www.diodes.com
February 2010
© Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Features
•
Dual TVS in Common Anode Configuration
•
24W/40W Peak Power Dissipation Rating @ 1.0ms
(Unidirectional)
•
225 mW Power Dissipation
•
Ideally Suited for Automated Insertion
•
Low Leakage
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 5)
•
"Green" Device (Note 6)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic “Green” Molding Compound.
UL Flammability Classification 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
ESD Rating Exceeding 16kV per the Human Body Model (Note 4)
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Power Dissipation
MMBZ5V6AL - MMBZ10VAL
(Note 2)
Ppk
24
W
Peak Power Dissipation
MMBZ15VAL - MMBZ33VAL
(Note 2)
Ppk
40
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
PD
225
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
556
°C/W
Operating and Storage Temperature Range
TJ, TSTG
–65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
24 Watt (VF = 0.9V max @ IF = 10mA)
Type
Number
Marking
Code
VRWM
IR @
VRWM
(Note 3)
Breakdown Voltage
VC @ IPP (Note 2)
Typical
Temperature
Coefficient
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
μA
Min
Nom
Max
mA
V
A
TC (mV/
°C)
MMBZ5V6AL
K9A
3
5.0
5.32
5.6
5.88
20
8.0
3.0
1.8
24 Watt (VF = 0.9V max @ IF = 10mA)
Type
Number
Marking
Code
VRWM
IR @
VRWM
(Note 3)
Breakdown Voltage
VC @ IPP (Note 2)
Typical
Temperature
Coefficient
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
μA
Min
Nom
Max
mA
V
A
TC (%/
°C)
MMBZ6V2AL
K9B
3.0
0.5
5.89
6.2
6.51
1.0
8.7
2.76
+0.04
MMBZ6V8AL
K9C
4.5
0.5
6.46
6.8
7.14
1.0
9.6
2.5
+0.045
MMBZ9V1AL
K9D
6.0
0.3
8.65
9.1
9.56
1.0
14
1.7
+0.065
MMBZ10VAL
K9E
6.5
0.3
9.50
10
10.5
1.0
14.2
1.7
+0.065
Notes:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 200mW per element must not be exceeded.
2. Non-repetitive current pulse per Figure 2 and derate above TA = 25°C per Figure 1.
3. Short duration pulse test used to minimize self-heating effect.
4. MMBZ5V6AL and MMBZ15VAL exceed 16kV ESD rating, all other voltages exceed 8kV ESD rating.
5. No purposefully added lead. Halogen and Antimony Free.
6. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured
prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic


Similar Part No. - MMBZ33VAL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ33VAL DIODES-MMBZ33VAL Datasheet
71Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
logo
ON Semiconductor
MMBZ33VAL ONSEMI-MMBZ33VAL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Diodes Incorporated
MMBZ33VAL DIODES-MMBZ33VAL Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
logo
NXP Semiconductors
MMBZ33VAL NXP-MMBZ33VAL Datasheet
78Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
logo
Diodes Incorporated
MMBZ33VAL DIODES-MMBZ33VAL Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
More results

Similar Description - MMBZ33VAL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL Datasheet
71Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_1 Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL_1 Datasheet
381Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
MMBZ15VAL-7-F DIODES-MMBZ15VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ27VAL-7-F DIODES-MMBZ27VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ5V6AL DIODES-MMBZ5V6AL_13 Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ20VAL-7-F DIODES-MMBZ20VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com