Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ6V2AL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ6V2AL
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ6V2AL Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ6V2AL Datasheet HTML 1Page - Diodes Incorporated MMBZ6V2AL Datasheet HTML 2Page - Diodes Incorporated MMBZ6V2AL Datasheet HTML 3Page - Diodes Incorporated MMBZ6V2AL Datasheet HTML 4Page - Diodes Incorporated MMBZ6V2AL Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
2 of 5
www.diodes.com
February 2010
© Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
Electrical Characteristics (Continued) @TA = 25°C unless otherwise specified
40 Watt (VF = 0.9V max @ IF = 10mA)
Type
Number
Marking
Code
VRWM
IR @
VRWM
(Note 3)
Breakdown Voltage
VC @ IPP (Note 2)
Typical
Temperature
Coefficient
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
nA
Min
Nom
Max
mA
V
A
TC (%/
°C)
MMBZ15VAL
K9K
12
50
14.25
15
15.75
1.0
21
1.9
+0.080
MMBZ18VAL
K9L
14.5
50
17.10
18
18.90
1.0
25
1.6
+0.090
MMBZ20VAL
K9N
17
50
19.00
20
21.00
1.0
28
1.4
+0.090
MMBZ27VAL
K9Q
22
50
25.65
27
28.35
1.0
40
1.0
+0.090
MMBZ33VAL
K9T
26
50
31.35
33
34.65
1.0
46
0.87
+0.090
10 X 1000 Waveform
as defined by R.E.A.
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
t, TIME (ms)
Fig. 2 Pulse Waveform
BIAS (V)
Fig. 3 Typical Capacitance vs. Bias Voltage
(Lower curve is Bidirectional mode,
Upper curve is Unidirectional mode)
MMBZ5V6AL
f = 1MHz
BIAS (V)
Fig. 4 Typical Capacitance vs. Bias Voltage
(Lower curve is Bidirectional mode,
Upper curve is Unidirectional mode)
MMBZ15VAL
MMBZ27VAL
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com