Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ15VAL Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBZ15VAL
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ15VAL Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBZ15VAL Datasheet HTML 1Page - Diodes Incorporated MMBZ15VAL Datasheet HTML 2Page - Diodes Incorporated MMBZ15VAL Datasheet HTML 3Page - Diodes Incorporated MMBZ15VAL Datasheet HTML 4Page - Diodes Incorporated MMBZ15VAL Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 13 - 2
3 of 5
www.diodes.com
February 2010
© Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
0
50
100
200
150
250
300
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE
Fig. 5 Steady State Power Derating Curve
A
FR-5 Board
0.1
1.0
PULSE WIDTH (ms)
Fig. 6 Pulse Rating Curve,
P (W) vs. Pulse Width (ms)
pk
Power is defined as P
= V x I
pk
C
pp
0.1
10
100
1.0
10
1,000
10,000
T = 25 C
J
°
100
Non repetitive
pulse waveform
(Rectangular)
Unidirectional
Bidirectional
0.1
1.0
PULSE WIDTH (ms)
Fig. 7 Pulse Rating Curve,
P
(W) vs. Pulse Width (ms)
pk (NOM)
Power is defined as P
= V
x I
where V
is the nominal Zener voltage
measured at the low test current used
for voltage classification
pk(NOM)
Z(NOM)
pp
Z(NOM)
0.1
10
100
1.0
10
1,000
10,000
T = 25 C
J
°
100
Non repetitive
pulse waveform
(Rectangular)
Unidirectional
Bidirectional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com