Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5502
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5502 Datasheet HTML 9Page - Analog Devices ADL5502 Datasheet HTML 10Page - Analog Devices ADL5502 Datasheet HTML 11Page - Analog Devices ADL5502 Datasheet HTML 12Page - Analog Devices ADL5502 Datasheet HTML 13Page - Analog Devices ADL5502 Datasheet HTML 14Page - Analog Devices ADL5502 Datasheet HTML 15Page - Analog Devices ADL5502 Datasheet HTML 16Page - Analog Devices ADL5502 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADL5502
Rev. A | Page 13 of 28
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6
4.0 4.4
4.8
5.2
5.6
6.0
FREQUENCY (GHz)
Figure 34. Input Impedance vs. Frequency, Supply 3 V,
Temperatures −40°C, +25°C, and +85°C
ADL5502
FLTR
VPOS
RFIN
VRMS
PEAK
CNTL
POWER
SUPPLY
RF SIGNAL
GENERATOR
0.1µF
CFLTR
OSCILLOSCOPE
FET PROBE
ENBL
COMM
75Ω
100pF
8
4
1
2
3
7
6
5
Figure 35. Hardware Configuration for Output Response to RF Input Pulse
10μs/DIV
160mV rms
400mV rms
160mV rms
400mV rms RF INPUT
PEAK
VRMS
PULSED RFIN
Figure 36. Output Response to Various RF Input Pulse Levels, Supply 3 V,
900 MHz Frequency, CFLTR = Open, COUT = Open
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
2.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
INPUT (V rms)
Figure 37. Supply Current vs. Input Level; 2.5 V, 3.0 V, and 3.3 V Supply;
900 MHz Frequency, Temperatures −40°C, +25°C, and +85°C
20μs/DIV
160mV rms
400mV rms
160mV rms
400mV rms RF INPUT
PEAK
VRMS
PULSED RFIN
Figure 38. Output Response to Various RF Input Pulse Levels, Supply 3 V,
900 MHz Frequency, CFLTR = 10 nF, COUT = Open
40μs/DIV
160mV rms
400mV rms
160mV rms
400mV rms RF INPUT
PEAK
VRMS
PULSED RFIN
Figure 39. Output Response to Various RF Input Pulse Levels, Supply 3 V,
900 MHz Frequency, CFLTR = 22 nF, COUT = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com