Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7467BRTZ-R Datasheet(PDF) 14 Page - Analog Devices

Part # AD7467BRTZ-R
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467BRTZ-R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7467BRTZ-R Datasheet HTML 10Page - Analog Devices AD7467BRTZ-R Datasheet HTML 11Page - Analog Devices AD7467BRTZ-R Datasheet HTML 12Page - Analog Devices AD7467BRTZ-R Datasheet HTML 13Page - Analog Devices AD7467BRTZ-R Datasheet HTML 14Page - Analog Devices AD7467BRTZ-R Datasheet HTML 15Page - Analog Devices AD7467BRTZ-R Datasheet HTML 16Page - Analog Devices AD7467BRTZ-R Datasheet HTML 17Page - Analog Devices AD7467BRTZ-R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 14 of 28
5
–5
–45
–35
–25
–15
–55
–65
–75
–85
–95
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (kHz)
8192 POINT FFT
VDD = 1.8V
fSAMPLE = 100kSPS
fIN = 30kHz
SINAD = 49.83dB
THD = –79.37dB
SFDR = –70.46dB
Figure 8. AD7468 Dynamic Performance at 100 kSPS
–65
–72
–71
–70
–69
–68
–67
–66
–73
10
100
INPUT FREQUENCY (kHz)
VDD = 3.6V
VDD = 3V
VDD = 2.7V
TEMP = 25
°C
VDD = 1.8V VDD = 1.6V VDD = 2.2V
Figure 9. AD7466 SINAD vs. Analog Input Frequency
at 100 kSPS for Various Supply Voltages
–68.0
–72.5
–72.0
–71.5
–71.0
–70.5
–70.0
–69.0
–68.5
–69.5
–73.0
10
100
INPUT FREQUENCY (kHz)
VDD = 3.6V
VDD = 3V
VDD = 2.7V
TEMP = 25
°C
VDD = 1.8V
VDD = 1.6V
VDD = 2.2V
Figure 10. AD7466 SNR vs. Analog Input Frequency
at 100 kSPS for Various Supply Voltages
–65
–83
–81
–79
–77
–75
–73
–69
–67
–71
–85
10
100
INPUT FREQUENCY (kHz)
VDD = 3.6V
VDD = 3V
VDD = 2.7V
TEMP = 25
°C
VDD = 1.8V
VDD = 1.6V
VDD = 2.2V
Figure 11. AD7466 THD vs. Analog Input Frequency
at 100 kSPS for Various Supply Voltages
–76
–83
–82
–81
–80
–79
–78
–77
–84
10
100
INPUT FREQUENCY (kHz)
RIN = 510Ω
RIN = 10Ω
TEMP = 25
°C
VDD = 2.7V
RIN = 100Ω
RIN = 0Ω
RIN = 1kΩ
Figure 12. AD7466 THD vs. Analog Input Frequency
for Various Source Impedances
1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–1.0
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = 1.8V
TEMP = 25
°C
fIN = 50Hz
fSAMPLE = 100kSPS
Figure 13. AD7466 INL Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com