Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA122LU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA122LU
Description  PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA122LU Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA122LU Datasheet HTML 1Page - Diodes Incorporated DDA122LU Datasheet HTML 2Page - Diodes Incorporated DDA122LU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDA (LO-R1) U
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Types Available (DDC)
•
Built-In Biasing Resistors
•
Lead-Free/RoHS Compliant (Note 3)
•
"Green" Device (Note 4 and 5)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Matte Tin Solderable per
MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
•
Terminal Connections: See Diagram
•
Marking Information: See Page 3
•
Type Code: See Table Below
•
Ordering Information: See Page 3
•
Weight: 0.0058 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
Type Code
DDA122LU
DDA142JU
DDA122TU
DDA142TU
0.22K
0.47K
0.22K
0.47K
10K
10K
OPEN
OPEN
P81
P82
P83
P84
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
⎯
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
8°
All Dimensions in mm
A
M
J
L
D
B C
H
K
F
R1
R1
R2
65
4
3
2
1
R2
R1
R1
6
54
3
2
1
R1, R2
R1 Only
SCHEMATIC DIAGRAM
Maximum Ratings NPN Section
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage (1) to (6) and (4) to (3)
VCC
-50
V
Input Voltage (1) to (2) and (4) to (5)
DDA122LU
DDA142JU
VIN
+5 to -6
+5 to -6
V
Input Voltage (1) to (2) and (4) to (5)
DDA122TU
DDA142TU
VEBO (MAX)
-5
V
Output Current
All
IC
-100
mA
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30423 Rev. 7 - 2
1 of 3
www.diodes.com
DDA (LO-R1) U
© Diodes Incorporated


Similar Part No. - DDA122LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA122LU DIODES-DDA122LU Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
DDA122LU-7-F DIODES-DDA122LU-7-F Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
More results

Similar Description - DDA122LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA113ZUA DIODES-DDTA113ZUA_2 Datasheet
141Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
DDTA113TKA DIODES-DDTA113TKA_2 Datasheet
135Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30343 Rev. 7 - 2
DDTA114GKA DIODES-DDTA114GKA_2 Datasheet
126Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30344 Rev. 8 - 2
DDA124EU DIODES-DDA124EU_2 Datasheet
219Kb / 5P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 9 - 2
DDA122LH DIODES-DDA122LH_1 Datasheet
169Kb / 3P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 4 - 2
ADTA143XUAQ DIODES-ADTA143XUAQ Datasheet
459Kb / 7P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
DDAXXXXH DIODES-DDAXXXXH Datasheet
282Kb / 6P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2 June 2016
DDA114EDJ DIODES-DDA114EDJ Datasheet
189Kb / 7P
DUAL PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
March 2012 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com