Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC122LU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC122LU
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC122LU Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC122LU Datasheet HTML 1Page - Diodes Incorporated DDC122LU Datasheet HTML 2Page - Diodes Incorporated DDC122LU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDC (LO-R1) U
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
DS30424 Rev. 6 - 2
1 of 3
www.diodes.com
DDC (LO-R1) U
© Diodes Incorporated
•
Epitaxial Planar Die Construction
•
Complementary PNP Types Available (DDA)
•
Built-In Biasing Resistors
•
Lead Free/RoHS Compliant (Note 3)
•
"Green" Device (Note 4 and 5)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Matte Tin Solderable per MIL-STD-
202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe)
•
Terminal Connections: See Diagram
•
Marking Information: See Diagrams & Page 3
•
Ordering Information: See Page 3
•
Weight: 0.006 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
MARKING
DDC122LU
DDC142JU
DDC122TU
DDC142TU
0.22K
0.47K
0.22K
0.47K
10K
10K
OPEN
OPEN
N81
N82
N83
N84
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
⎯
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
8°
All Dimensions in mm
A
M
J
L
D
Maximum Ratings
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage (6) to (1) and (3) to (4)
VCC
50
V
Input Voltage (2) to (1) and (5) to (4)
DDC122LU
DDC142JU
VIN
-5 to +6
-5 to +6
V
Input Voltage (1) to (2) and (4) to (5)
DDC122TU
DDC142TU
VEBO (MAX)
5
V
Output Current
All
IC
100
mA
Power Dissipation
(Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 2)
RθJA
625
°C/W
Notes:
1.
150mW per element must not be exceeded.
2.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
3.
No purposefully added lead.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5.
Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
R1, R2
R1 Only
SCHEMATIC DIAGRAM
R1
R1
6
5
4
3
2
1
R1
R1
R2
6
54
3
2
1
R2
B C
H
K
NXX YM
F


Similar Part No. - DDC122LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC122LU DIODES-DDC122LU Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
DDC122LU-7-F DIODES-DDC122LU-7-F Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
More results

Similar Description - DDC122LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDC124EU DIODES-DDC124EU_2 Datasheet
158Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 9 - 2
DDC124EH DIODES-DDC124EH_2 Datasheet
186Kb / 4P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 4 - 2
DDC122LH DIODES-DDC122LH_2 Datasheet
168Kb / 3P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 4 - 2
DDC144TH DIODES-DDC144TH Datasheet
266Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
DDCXXXXH DIODES-DDCXXXXH Datasheet
306Kb / 6P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2 April 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com