Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2004SW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD2004SW
Description  SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD2004SW Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD2004SW Datasheet HTML 1Page - Diodes Incorporated MMBD2004SW Datasheet HTML 2Page - Diodes Incorporated MMBD2004SW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD2004SW
SURFACE MOUNT SWITCHING DIODE
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automated Insertion
For General Purpose Switching Applications
High Conductance
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Notes 4 and 5)
Mechanical Data
Case: SOT-323
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish - Matte Tin. Solderable per MIL-STD-202,
Method 208
Lead Free Plating (Matte Tin Finish annealed over Copper
leadframe)
Polarity: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.006 grams (approximate)
SOT-323
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
300
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
240
V
RMS Reverse Voltage
VR(RMS)
170
V
Forward Continuous Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
4.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
300
V
IR = 100μA
Forward Voltage
VF
0.87
1.0
V
IF = 20mA
IF = 100mA
Peak Reverse Current (Note 2)
IR
100
nA
μA
VR = 240V
VR = 240V, TJ = 150°C
Total Capacitance, per Element
CT
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
1. Part mounted on FR-4 PC Board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
MMBD2004SW
Document number: DS30443 Rev. 6 - 2
1 of 3
www.diodes.com
March 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - MMBD2004SW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD2004SW DIODES-MMBD2004SW Datasheet
71Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 4 - 2
logo
WILLAS ELECTRONIC CORP
MMBD2004SW WILLAS-MMBD2004SW Datasheet
461Kb / 3P
SOT-323 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
MMBD2004SW-7-F DIODES-MMBD2004SW-7-F Datasheet
71Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 4 - 2
MMBD2004SW-7-F DIODES-MMBD2004SW-7-F Datasheet
156Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
MMBD2004SWQ-7-F DIODES-MMBD2004SWQ-7-F Datasheet
156Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
More results

Similar Description - MMBD2004SW

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com