Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS4150 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS4150
Description  4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS4150 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS4150 Datasheet HTML 1Page - Diodes Incorporated PDS4150 Datasheet HTML 2Page - Diodes Incorporated PDS4150 Datasheet HTML 3Page - Diodes Incorporated PDS4150 Datasheet HTML 4Page - Diodes Incorporated PDS4150 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDS4150
Document number: DS30473 Rev. 12 - 2
3 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS4150
PowerDI is a registered trademark of Diodes Incorporated.
0
1
2
3
4
0
1
3
2
4
5
67
89
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100m
1m
10m
025
75
125
150
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
50
100
0
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
5.0
4.0
3.0
2.0
1.0
0
0
30
60
90
120
150
180
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
Fig. 6 Operating Temperature Derating
0
25
50
75
100
125
150
175
0
15
3045
60
7590 105 120 135 150
V , DC REVERSE VOLTAGE (V)
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com