Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS835L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS835L
Description  8A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS835L Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS835L Datasheet HTML 1Page - Diodes Incorporated PDS835L Datasheet HTML 2Page - Diodes Incorporated PDS835L Datasheet HTML 3Page - Diodes Incorporated PDS835L Datasheet HTML 4Page - Diodes Incorporated PDS835L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDS835L
Document number: DS30488 Rev. 10 - 2
2 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS835L
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
V
RMS Reverse Voltage
VR(RMS)
25
V
Average Rectified Output Current (See also figure 5)
IO
8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
120
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
3.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 3) TA = 25°C
RθJA
100
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 4) TA = 25°C
RθJA
65
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 5) TA = 25°C
RθJA
45
⎯
°C/W
Operating Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
35
⎯
⎯
V
IR = 1mA
Forward Voltage
VF
⎯
⎯
0.46
⎯
0.51
0.41
V
IF = 8A, TS = 25°C
IF = 8A, TS = 125°C
Reverse Leakage Current (Note 6)
IR
⎯
⎯
0.05
7
1.4
35
mA
TS = 25°C, VR = 35V
TS = 100°C, VR = 35V
Notes:
3. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com
4. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
5. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
6. Short duration pulse test used to minimize self-heating effect.
0
1
2
3
4
0
13
2
4
5
6
78
9
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0
0.1
0.2
0.3
0.4
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com