Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS835L-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS835L-13
Description  8A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS835L-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS835L-13 Datasheet HTML 1Page - Diodes Incorporated PDS835L-13 Datasheet HTML 2Page - Diodes Incorporated PDS835L-13 Datasheet HTML 3Page - Diodes Incorporated PDS835L-13 Datasheet HTML 4Page - Diodes Incorporated PDS835L-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDS835L
Document number: DS30488 Rev. 10 - 2
3 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS835L
PowerDI is a registered trademark of Diodes Incorporated.
1
0.1
0.01
0.001
0.0001
10
100
0
20
25
30
35
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
10
15
5
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
R
0
20
25
30
35
10
15
5
V , DC REVERSE VOLTAGE (V)
Fig. 5 Total Capacitance vs. Reverse Voltage
R
0
2
4
6
10
8
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 6 Forward Current Derating Curve
A
Note 3
Note 7
0
30
150
120
90
60
V , DC REVERSE VOLTAGE (V)
Fig. 7 Operating Temperature Derating
R
Note 3
020
25
30
35
10
15
5
Notes:
7. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 3.0mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com