Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0540WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B0540WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0540WS Datasheet(HTML) 2 Page - Diodes Incorporated

  B0540WS Datasheet HTML 1Page - Diodes Incorporated B0540WS Datasheet HTML 2Page - Diodes Incorporated B0540WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B0540WS
10
1
100
1,000
.001
00
B0540WS
Document number: DS30524 Rev. 8 - 2
2 of 3
www.diodes.com
May 2008
© Diodes Incorporated
.60
1m
10m
010
20
25
35
40
15
5.0
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = 25°C
A
T = 75°C
A
T = 125°C
A
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.10
0.20
0.30
0.40
0.50
.01
.1
0
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
1,000
510
25
20
15
0
0.25
0.50
050
100
150
T , TERMINAL TEMPERATURE ( C)
Fig. 4 Forward Current Derating Curve
T
°
0.75
1.0
25
75
125
Ordering Information (Note 5)
Part Number
Case
Packaging
B0540WS-7
SOD-323
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SF
SF = Product Type Marking Code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com