Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR3G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDR3G
Description  3A GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR3G Datasheet(HTML) 1 Page - Diodes Incorporated

  PDR3G Datasheet HTML 1Page - Diodes Incorporated PDR3G Datasheet HTML 2Page - Diodes Incorporated PDR3G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30547 Rev. 7 - 2
1 of 3
PDR3G
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDR3G
3A GLASS PASSIVATED RECTIFIER
PowerDI ä5
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
RMS Reverse Voltage
VR(RMS)
283
V
Average Rectified Output Current (See also figure 4)
IO
3
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
100
A
Maximum Ratings @ TA = 25°C unless otherwise specified
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
W
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
2.0
°
C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
75
¾
°
C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RqJA
65
¾
°
C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RqJA
45
¾
°
C/W
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm. TA = 25°C
Thermal Characteristics
·
Glass Passivated Die Construction
·
Low Leakage Current
·
High Forward Surge Current Capability
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
·
Case: PowerDI
ä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: See Page 3
·
Weight: 0.095 grams (approximate)


Similar Part No. - PDR3G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR3G DIODES-PDR3G Datasheet
87Kb / 3P
3A GLASS PASSIVATED RECTIFIER
DS30547 Rev. 6 - 2
PDR3G-13 DIODES-PDR3G-13 Datasheet
87Kb / 3P
3A GLASS PASSIVATED RECTIFIER
DS30547 Rev. 6 - 2
More results

Similar Description - PDR3G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR3G DIODES-PDR3G Datasheet
87Kb / 3P
3A GLASS PASSIVATED RECTIFIER
DS30547 Rev. 6 - 2
logo
Frontier Electronics.
FR30-005G FRONTIER-FR30-005G Datasheet
124Kb / 2P
3A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FUF5400 FRONTIER-FUF5400 Datasheet
134Kb / 2P
3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR301G FRONTIER-FR301G Datasheet
1Mb / 2P
3A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MSB40B-UMSB YFWDIODE-MSB40B-UMSB Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF310 DIODES-DBF310 Datasheet
553Kb / 5P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Taiwan Semiconductor Co...
1N5400G-K TSC-1N5400G-K Datasheet
268Kb / 6P
3A, 50V - 1000V Glass Passivated Rectifier
BY251G TSC-BY251G Datasheet
286Kb / 6P
3A, 200V - 800V Glass Passivated Rectifier
YBS3004G TSC-YBS3004G Datasheet
288Kb / 5P
3A, 400V - 1000V Glass Passivated Bridge Rectifier
logo
SHIKUES Electronics
MSB30B SKTECHNOLGY-MSB30B Datasheet
472Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com