Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVRN6056 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DVRN6056
Description  VOLTAGE REFERENCE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVRN6056 Datasheet(HTML) 3 Page - Diodes Incorporated

  DVRN6056 Datasheet HTML 1Page - Diodes Incorporated DVRN6056 Datasheet HTML 2Page - Diodes Incorporated DVRN6056 Datasheet HTML 3Page - Diodes Incorporated DVRN6056 Datasheet HTML 4Page - Diodes Incorporated DVRN6056 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DVRN6056
Document number: DS30556 Rev. 5 - 2
3 of 5
www.diodes.com
March 2010
© Diodes Incorporated
DVRN6056
NPN Transistor Section (Q1)
1.0
5.0
20
10
30
0.1
10
1.0
50
V,
Capacitance Characteristics
R REVERSE VOLTAGE (V)
Fig. 3 Typical
Cobo
Cibo
f = 1MHz
0.001
0.01
1
10
0.1
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I , BASE CURRENT (mA)
Fig. 4 Typical Collector Saturation Region
B
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
I
C
B
= 10
1
0.1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 6 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
C
0.2
0.3
0.4
0.6
0.5
0.8
0.7
1.0
0.9
V
= 5V
CE
T = 25°C
A
T = -50°C
A
T = 150°C
A
1
10
100
1,000
110
100
I , COLLECTOR CURRENT (mA)
Fig. 7 Typical Gain-Bandwidth Product vs. Collector Current
C
V
= 5V
CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com