Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA006 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDA006
Description  DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA006 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDA006 Datasheet HTML 1Page - Diodes Incorporated SDA006 Datasheet HTML 2Page - Diodes Incorporated SDA006 Datasheet HTML 3Page - Diodes Incorporated SDA006 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDA006
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
SDA006
Document number: DS30559 Rev. 6 - 2
2 of 4
www.diodes.com
April 2008
© Diodes Incorporated
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
75
⎯
⎯
V
IR = 2.5μA
Forward Voltage (Note 7)
VF
⎯
⎯
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 7)
IR
⎯
⎯
2.5
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Junction Capacitance (per element)
CJ
⎯
⎯
2.0
pF
VR = 0V, f = 1.0MHz
Capacitance, Between I/O Lines (I/O1 & I/O2)
CLL
⎯
35
⎯
pF
VR = 0V, f = 1.0MHz
Capacitance, Between I/O Line and Ground
CLG
⎯
11
⎯
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
7. Short duration pulse test used to minimize self-heating effect.
0
50
100
150
200
250
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Derating Curve, Total Package
300
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage,
Per Element
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com