Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR2V5W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DVR2V5W
Description  COMPLEX ARRAY FOR VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVR2V5W Datasheet(HTML) 2 Page - Diodes Incorporated

  DVR2V5W Datasheet HTML 1Page - Diodes Incorporated DVR2V5W Datasheet HTML 2Page - Diodes Incorporated DVR2V5W Datasheet HTML 3Page - Diodes Incorporated DVR2V5W Datasheet HTML 4Page - Diodes Incorporated DVR2V5W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30578 Rev. 5 - 2
2 of 5
www.diodes.com
DVR1V8W - DVR5V0W
© Diodes Incorporated
Electrical Characteristics, NPN Transistor
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
18
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
1
μA
VCB = 40V, IE = 0
Emitter Cutoff Current
IEBO
1
μA
VEB = 4V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
150
800
IC = 100mA, VCE = 1V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.5
V
IC = 300mA, IB = 30mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
8
pF
VCB = 10V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
MHz
VCB = 10V, IE = 50mA, f = 100MHz
Electrical Characteristics, Zener Element
@TA = 25°C unless otherwise specified
Zener Voltage Range (Note 5)
Maximum Reverse
Leakage Current
VZ @ IZT
IZT
IR @ VR
Type
Number
Nom (V)
Min (V)
Max (V)
mA
μA
V
DVR1V8W
3.3
3.1
3.5
5
5
1
DVR2V5W
3.9
3.7
4.1
5
3
1
DVR3V3W
4.7
4.4
5.0
5
3
2
DVR5V0W
5.1
4.85
5.36
0.05
5
3
Notes:
4. Short duration test pulse used to minimize self-heating effect.
5. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30°C ±1°C.
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com