Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA2DF62 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DA2DF62
Description  Silicon epitaxial planar type For high frequency rectification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DA2DF62 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DA2DF62 Datasheet HTML 1Page - Panasonic Semiconductor DA2DF62 Datasheet HTML 2Page - Panasonic Semiconductor DA2DF62 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note: 1. *1 50 Hz sine wave 1cycle(Non-repetitive peak current)
Note: 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring
methods for Diodes.
2. Absolute frequency of input and outpot is 10 MHz
3. *1 R-load trr test circuit
Magagine 50 pcs
Forward voltage
VF
Electrical Characteristics Ta = 25 °C±3 °C
Parameter
Symbol
Conditions
IF = 0.5 A, VR = 1.0 A
IRRM
Semiconductor Company, Panasonic Corporation
2009.10.28
2010.8.31
Prepared
Revised
Tentative
DA2DF62
Total pages
page
Non-repetitive peak peak reverse voltage
VRSM
600
V
Repetitive peak reverse voltage
VRRM
600
V
Forward current
DA2DF62
Silicon epitaxial planar type
For high frequency rectification
Marking Symbol : DA2DF62
Absolute Maximum Ratings Ta = 25 °C
Parameter
Symbol
Rating
Unit
A
IF(AV)
10
Ta = 25 °C
°C
Junction temperature
Tj
Storage temperature
Tstg
to +150
Themal resistance
Themal resistance
Rth(j-c)
Rth(j-a)
μA
Reverse current
10
VRRM = 600 V
V
IF = 10 A
1.4
1.7
°C / W
150
4.0
63
°C
Min
IFSM
40
A
°C / W
Typ Max
25
40
Unit
Packing
ns
trr
Package Code : TO-220D-B1
Irr = 0.25 A
-40
Reverse recovery time
*1
Non-repetitive peak forward surge current
*


Similar Part No. - DA2DF62

ManufacturerPart #DatasheetDescription
logo
France Joint
DA2 FRANCEJOINT-DA2 Datasheet
412Kb / 4P
STANDARD SHAFT SEALS
logo
List of Unclassifed Man...
DA201 ETC-DA201 Datasheet
440Kb / 6P
FM STEREO TUNER MODULE
logo
Coilcraft lnc.
DA2025-AL COILCRAFT-DA2025-AL Datasheet
128Kb / 1P
SMT Planar Transformer
DA2025-AL COILCRAFT-DA2025-AL Datasheet
111Kb / 1P
SMT Planar Transformer
DA2025 COILCRAFT-DA2025_13 Datasheet
111Kb / 1P
SMT Planar Transformer
More results

Similar Description - DA2DF62

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SP02 PANASONIC-MA2SP02 Datasheet
56Kb / 3P
Silicon epitaxial planar type For high frequency switch
MA22D23 PANASONIC-MA22D23 Datasheet
76Kb / 3P
Silicon epitaxial planar type For high frequency rectification
MA3X720 PANASONIC-MA3X720 Datasheet
86Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DB24404 PANASONIC-DB24404 Datasheet
482Kb / 3P
Silicon epitaxial planar type For rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
340Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
Silicon epitaxial planar type For frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
362Kb / 5P
Silicon epitaxial planar type For high frequency rectification
DB2X4100L PANASONIC-DB2X4100L Datasheet
362Kb / 5P
Silicon epitaxial planar type For high frequency rectification
MA2Q73600L PANASONIC-MA2Q73600L Datasheet
241Kb / 3P
Silicon epitaxial planar type For high frequency rectification
DB3J407K PANASONIC-DB3J407K Datasheet
370Kb / 4P
Silicon epitaxial planar type For high frequency retification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com