Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS20DW
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS20DW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS20DW Datasheet HTML 1Page - Diodes Incorporated BAS20DW Datasheet HTML 2Page - Diodes Incorporated BAS20DW Datasheet HTML 3Page - Diodes Incorporated BAS20DW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS20DW-BAS21DW
Document number: DS30617 Rev. 10 - 2
1 of 4
www.diodes.com
May 2009
© Diodes Incorporated
BAS20DW-BAS21DW
SURFACE MOUNT LOW LEAKAGE DIODE
Features
•
Fast Switching Speed
•
Surface Mount Package Ideally Suited for Automated Insertion
•
High Reverse Breakdown Voltage
•
Low Leakage Current
•
Lead Free By Design/RoHS Compliant (Note 3)
•
"Green" Device (Notes 4 and 5)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: See Diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.003 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
BAS20DW
BAS21DW
Unit
Repetitive Peak Reverse Voltage
VRRM
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
150
200
V
RMS Reverse Voltage
VR(RMS)
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
BAS20DW
BAS21DW
V(BR)R
200
250
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current
@ Rated DC Blocking Voltage (Note 2)
IR
⎯
100
15
nA
μA
Tj = 25°C
Tj = 100°C
Total Capacitance
CT
⎯
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
TOP VIEW
SOT-363
Internal Schematic
TOP VIEW
Please click here to visit our online spice models database.


Similar Part No. - BAS20DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS20DW DIODES-BAS20DW Datasheet
94Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 6 - 2
BAS20DW-13 DIODES-BAS20DW-13 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAS20DW-7 DIODES-BAS20DW-7 Datasheet
94Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 6 - 2
BAS20DW-7 DIODES-BAS20DW-7 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAS20DWQ-13 DIODES-BAS20DWQ-13 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
More results

Similar Description - BAS20DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
Surface mount low leakage diode
Rev.A
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com