Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU620CT-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDU620CT-13
Description  6A DUAL ULTRA-FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU620CT-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDU620CT-13 Datasheet HTML 1Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 2Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 3Page - Diodes Incorporated PDU620CT-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U620CT = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 06 for 2006
WW = Week code 01 to 52
K = Factory Designator
YYWWK
U620CT
DS30622 Rev. 4 - 2
3 of 4
PDU620CT
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Marking Information
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
PDU620CT-13
PowerDIä5
5000/Tape & Reel
Ordering Information (Note 6)
0
1.5
3
4.5
6
0
1.5
4.5
3
6
7.5
I , FORWARD CURRENT (A)
Fig. 5 Forward Power Dissipation, per element
F
I
PK
I
AV
= 1 (DC)
0
50
200
250
100
150
0
50
100
150
200
T , DERATED AMBIENT TEMPERATURE (°C)
A
Fig. 6 Operating Temperature Derating
Note 2
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 7 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com