Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV3004WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV3004WS
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV3004WS Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV3004WS Datasheet HTML 1Page - Diodes Incorporated BAV3004WS Datasheet HTML 2Page - Diodes Incorporated BAV3004WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV3004WS
SURFACE MOUNT LOW LEAKAGE DIODE
Features
•
Surface Mount Package Ideally Suited for Automated Insertion
•
Low Leakage Current
•
Fast Switching Speed
•
High Reverse Breakdown Voltage
•
Lead Free By Design/RoHS Compliant (Note 3)
•
“Green” Device (Note 4)
Mechanical Data
•
Case: SOD-323
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish
⎯ Matte Tin Finish annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.004 grams (approximate)
TOP VIEW
SOD-323
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
350
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
300
V
RMS Reverse Voltage
VR(RMS)
212
V
Forward Continuous Current
IFM
225
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
4.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
350
⎯
⎯
⎯
⎯
V
IR = 150μA
Forward Voltage
VF
⎯
0.78
0.93
1.03
0.87
1.0
1.25
V
IF = 20mA
IF = 100mA
IF = 200mA
Leakage Current (Note 2)
IR
⎯
30
35
100
100
nA
μA
VR = 240V, TJ = 25°C
VR = 240V, TJ = 150°C
Total Capacitance
CT
⎯
1.0
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
BAV3004WS
Document number: DS30646 Rev. 4 - 2
1 of 3
www.diodes.com
March 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAV3004WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV3004WS DIODES-BAV3004WS Datasheet
347Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30646 Rev. 3 - 2
logo
TECH PUBLIC Electronics...
BAV3004WS TECHPUBLIC-BAV3004WS Datasheet
1Mb / 3P
HIGH VOLTAGE SWITCHING DIODE
logo
Diodes Incorporated
BAV3004WS-7 DIODES-BAV3004WS-7 Datasheet
347Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30646 Rev. 3 - 2
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
More results

Similar Description - BAV3004WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com