Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA32HVB Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 35Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 36Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 37Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 38Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 39Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 40Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 41Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 42Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 275 page
background image
39
8042B–AVR–06/10
ATmega16HVB/32HVB
some cases, the input logic is needed for detecting wake-up conditions, and it will then be
enabled. Refer to the section ”Digital Input Enable and Sleep Modes” on page 71 for details on
which pins are enabled. If the input buffer is enabled and the input signal is left floating or have
an analog signal level close to V
REG/2, the input buffer will use excessive power.
For analog input pins, the digital input buffer should be disabled at all times. An analog signal
level close to V
REG/2 on an input pin can cause significant current even in active mode. Digital
input buffers can be disabled by writing to the Digital Input Disable Register. Refer to ”DIDR0 –
Digital Input Disable Register 0” on page 122 for details.
10.7.3
On-chip Debug System
A programmed DWEN Fuse enables some parts of the clock system to be running in all sleep
modes. This will increase the power consumption while in sleep. Thus, the DWEN Fuse should
be disabled when debugWire is not used.
10.7.4
Battery Protection
If one of the Battery Protection features is not needed by the application, this feature should be
disabled, see “BPCR – Battery Protection Control Register” on page 141. The current consump-
tion in the Battery Protection circuitry is only significant in Power-save mode. Disabling both
FETs will automatically disable the Battery Protection module in order to save power. The band-
gap reference should always be enabled whenever Battery Protection is enabled.
10.7.5
Voltage ADC
If enabled, the V-ADC will consume power independent of sleep mode. To save power, the V-
ADC should be disabled when not used, and before entering Power-save sleep mode. See
”Voltage ADC – 7-channel General Purpose 12-bit Sigma-Delta ADC” on page 117 for details on
V-ADC operation.
10.7.6
Coulomb Counter
If enabled, the CC-ADC will consume power independent of sleep mode. To save power, the
CC-ADC should be disabled when not used, or set in Regular Current detection mode. See
”Coulomb Counter – Dedicated Fuel Gauging Sigma-delta ADC” on page 108 for details on CC-
ADC operation.
10.7.7
Bandgap Voltage Reference
If enabled, the Bandgap reference will consume power independent of sleep mode. To save
power, the Bandgap reference should be disabled when not used as reference for the Voltage
ADC, the Coloumb Counter or Battery Protection. See ”Voltage Reference and Temperature
Sensor” on page 123 for details.
10.8
Register Description
10.8.1
SMCR – Sleep Mode Control Register
The Sleep Mode Control Register contains control bits for power management.
Bit
765
432
10
0x33 (0x53)
–
–
–
–
SM2
SM1
SM0
SE
SMCR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com