Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP56 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCP56
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP56 Datasheet(HTML) 1 Page - Diodes Incorporated

  DCP56 Datasheet HTML 1Page - Diodes Incorporated DCP56 Datasheet HTML 2Page - Diodes Incorporated DCP56 Datasheet HTML 3Page - Diodes Incorporated DCP56 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30796 Rev. 6 - 2
1 of 4
www.diodes.com
DCP56/-16
© Diodes Incorporated
DCP56/-16
NPN SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Type Available (DCP53)
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-223
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking & Type Code Information: See Page 3
Ordering Information: See Page 3
Weight: 0.115 grams (approximate)
2
3
4
1
SOT-223
4
3
2
1
C
C
B
E
TOP VIEW
3
1
2,4
COLLECTOR
BASE
EMITTER
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @ TA = 25ºC (Note 3)
Pd
1
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to 150
°C
Thermal Resistance, Junction to Ambient Air @TA = 25°C (Note 3)
RθJA
125
°C/W
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
100
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
80
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
V
IE = 10μA, IC = 0
Collector-Base Cutoff Current
ICBO
0.1
20
μA
VCB = 30V, IE = 0
VCB = 30V, IE = 0,TA = 150°C
Emitter-Base Cutoff Current
IEBO
10
μA
VEB = 5.0V, IC = 0
ON CHARACTERISTICS (Note 4)
25
40
25
250
IC = 5.0mA, VCE = 2.0V
IC = 150mA, VCE = 2.0V
IC = 500mA, VCE = 2.0V
DC Current Gain
hFE
100
160
250
IC = 150mA, VCE = 2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.5
V
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage
VBE (ON)
1.0
V
IC = 500mA, VCE = 2.0V
SMALL SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
200
MHz
IC = 50mA, VCE = 5.0V,
f = 100MHz
DCP56-16
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. Pulse Test: Pulse width
= ≤300μs, Duty Cycle ≤ 2%.


Similar Part No. - DCP56

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DCP5-16-13 KEXIN-DCP5-16-13 Datasheet
351Kb / 3P
NPN Surfac Mount Transistor
logo
Diodes Incorporated
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
DCP51-13 DIODES-DCP51-13 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
DCP51-16 DIODES-DCP51-16 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
DCP51-16-13 DIODES-DCP51-16-13 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
More results

Similar Description - DCP56

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30707 Rev. 6 - 2
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30946 Rev. 3 - 2
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31148 Rev. 3 - 2
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
NPN SURFACE MOUNT TRANSISTOR
DS31157 Rev. 3 - 2
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31158 Rev. 4 - 2
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31229 Rev. 2 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 5
2DD1621T DIODES-2DD1621T_15 Datasheet
211Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 2
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com