Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP68 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCP68
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP68 Datasheet(HTML) 1 Page - Diodes Incorporated

  DCP68 Datasheet HTML 1Page - Diodes Incorporated DCP68 Datasheet HTML 2Page - Diodes Incorporated DCP68 Datasheet HTML 3Page - Diodes Incorporated DCP68 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30797 Rev. 6 - 2
1 of 4
www.diodes.com
DCP68/-25
© Diodes Incorporated
DCP68/-25
NPN SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (DCP69)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT-223
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish - Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.115 grams
2
3
4
1
SOT-223
3
1
2,4
COLLECTOR
BASE
EMITTER
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @ TA = 25ºC (Note 3)
PD
1
W
Thermal Resistance, Junction to Ambient Air @ TA = 25°C (Note 3)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Emitter Breakdown Voltage
V(BR)CES
25
—
—
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
20
—
—
V
IC = 1.0mA, IB = 0
Collector-Base Breakdown Voltage
V(BR)CBO
25
—
—
V
IC = 10μA, IE = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
—
—
V
IE = 10μA, IC = 0
Collector-Base Cutoff Current
ICBO
—
—
100
nA
VCB = 25V, IE = 0
Emitter-Base Cutoff Current
IEBO
—
—
10
μA
VEB = 5.0V, IC = 0
ON CHARACTERISTICS (Note 4)
DCP68, DCP68-25
50
60
—
—
—
—
VCE = 10V, IC = 5.0mA
VCE = 1.0V, IC = 1.0A
DCP68
85
—
375
VCE = 1.0V, IC = 500mA
DC Current Gain
DCP68-25
hFE
160
—
375
—
VCE = 1.0V, IC = 500mA
Collector-Emitter Saturation Voltage
VCE(SAT)
—
—
0.5
V
IC = 1.0A, IB = 100mA
Base-Emitter Turn-On Voltage
VBE (ON)
—
—
1.0
V
VCE = 1.0V, IC = 1.0A
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
—
330
—
MHz
IC = 100mA, VCE = 5.0V
f = 100MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Please click here to visit our online spice models database.


Similar Part No. - DCP68

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results

Similar Description - DCP68

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30707 Rev. 6 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30796 Rev. 6 - 2
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30946 Rev. 3 - 2
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31148 Rev. 3 - 2
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
NPN SURFACE MOUNT TRANSISTOR
DS31157 Rev. 3 - 2
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31158 Rev. 4 - 2
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31229 Rev. 2 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 5
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com