Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3946LP4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT3946LP4
Description  COMPLEMENTARY NPN / PNP SURFACE MOUNT TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3946LP4 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT3946LP4 Datasheet HTML 1Page - Diodes Incorporated MMDT3946LP4 Datasheet HTML 2Page - Diodes Incorporated MMDT3946LP4 Datasheet HTML 3Page - Diodes Incorporated MMDT3946LP4 Datasheet HTML 4Page - Diodes Incorporated MMDT3946LP4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMDT3946LP4
COMPLEMENTARY NPN / PNP SURFACE MOUNT TRANSISTORS
Features
•
Complementary Pair: One 3904 (NPN) and One 3906 (PNP)
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Lead Free by Design/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Mechanical Data
•
Case: DFN1310H4-6
•
Case Material: Molded Plastic. “Green Molding”
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish – NiPdAu over Copper leadframe (Lead
Free Plating) Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Page 4
•
Ordering Information: See Page 4
Bottom View
Side View
G
H
B
K
E
C
D
R0.15
0
Top View
A
L
L
N
M
N
D
Z
Z
* Dimensions D, K, L, N Repeat 4X
** Dimensions E, M, Z Repeat 2X
DFN1310H4-6
Dim
Min
Max
Typ
A
1.25
1.38
1.30
B
0.95
1.08
1.00
C
0.20
0.30
0.25
D*
-
-
0.10
E**
-
-
0.20
G
-
0.40
-
H
0
0.05
0.02
K*
0.10
0.20
0.15
L*
0.30
0.50
0.40
M**
-
-
0.35
N*
-
-
0.25
Z**
-
-
0.05
All Dimensions in mm
C
2
B
2
B
1
E
1
E
2
C
1
Internal Schematic
(TOP VIEW)
E1, B1, C1 = PNP3906 Section
E2, B2, C2 = NPN3904 Section
Maximum Ratings, NPN 3904 Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current – Continuous
IC
200
mA
Power Dissipation (Notes 3, 4)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
625
°C/W
Maximum Ratings, PNP 3906 Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 1)
IC
-200
mA
Power Dissipation (Notes 3, 4)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
625
°C/W
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB.
4.
Maximum combined dissipation.
DS30822 Rev. 4 - 2
1 of 5
www.diodes.com
MMDT3946LP
© Diodes Incorporated


Similar Part No. - MMDT3946LP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3946LP4 DIODES-MMDT3946LP4_15 Datasheet
163Kb / 5P
COMPLEMENTARY NPN / PNP SURFACE MOUNT TRANSISTORS
Rev 4
More results

Similar Description - MMDT3946LP4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
2N4854U OPTEK-2N4854U Datasheet
210Kb / 2P
SURFACE MOUNT NPN/PNP COMPLEMENTARY TRANSISTORS
logo
Central Semiconductor C...
CYTA4494D CENTRAL-CYTA4494D Datasheet
105Kb / 2P
SURFACE MOUNT DUAL, ISOLATED COMPLEMENTARY NPN & PNP HIGH VOLTAGE SILICON TRANSISTORS
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
CYT5554D CENTRAL-CYT5554D Datasheet
548Kb / 2P
SURFACE MOUNT DUAL, ISOLATED COMPLEMENTARY HIGH VOLTAGE NPN/PNP SILICON TRANSISTORS
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Rev 2
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Rev 3
MMDT3946LP4 DIODES-MMDT3946LP4_15 Datasheet
163Kb / 5P
COMPLEMENTARY NPN / PNP SURFACE MOUNT TRANSISTORS
Rev 4
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
Surface Mount NPN/ PNP Complementary Transistor
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com