Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2114SN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2114SN
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2114SN Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2114SN Datasheet HTML 1Page - Diodes Incorporated DMN2114SN Datasheet HTML 2Page - Diodes Incorporated DMN2114SN Datasheet HTML 3Page - Diodes Incorporated DMN2114SN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN2114SN
Fig. 1 Typical Output Characteristics
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
V
, DRAIN-SOURCE VOLTAGE (V)
DS
T = 25°C
A
3V, 3.5V, 4V, 5V
3.0V
2.5V
V
= 1.5V
GS
2.0V
Fig. 2 Typical Transfer Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
3
V
, GATE-SOURCE VOLTAGE (V)
GS
V
= 10V
DS
T = -55°C
A
T= 25°C
A
T = 125°C
A
Fig. 3 On-Resistance vs. Gate Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
02
4
6
8
V
, GATE-SOURCE VOLTAGE (V)
GS
10
I = 0.5A
D
I = 1.0A
D
Fig. 4 On-Resistance vs. Drain Current
0.01
0.1
1
01
2
3
I , DRAIN CURRENT (A)
D
4
T = 25°C
J
2.5V
4.5V
Fig. 5 On-Resistance Variation with Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
0
50
100
150
T , AMBIENT TEMPERATURE (°C)
A
I = 1.0A
D
V
= 2.5V
GS
V
= 4.5V
GS
I = 0.5A
D
I = 0.5A, 1A
D
Fig. 6 Gate Threshold Voltage vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
T , AMBIENT TEMPERATURE (°C)
A
V
= 10V
I = 1mA
DS
D
DMN2114SN
Document number: DS30829 Rev. 4 - 2
2 of 4
www.diodes.com
September 2007
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com