Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY25B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY25B
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY25B Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY25B Datasheet HTML 1Page - ATMEL Corporation ATTINY25B Datasheet HTML 2Page - ATMEL Corporation ATTINY25B Datasheet HTML 3Page - ATMEL Corporation ATTINY25B Datasheet HTML 4Page - ATMEL Corporation ATTINY25B Datasheet HTML 5Page - ATMEL Corporation ATTINY25B Datasheet HTML 6Page - ATMEL Corporation ATTINY25B Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
7669D–AVR–04/10
ATtiny25/45/85
1.
Electrical Characteristics
1.1
Absolute Maximum Ratings
c
Operating Temperature..................................–55°C to +150°C
Note:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature .....................................–65°C to +175°C
Voltage on any Pin except RESET
with respect to Ground ............................... –0.5V to V
CC+0.5V
Voltage on RESET with respect to Ground..... –0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 30.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
1.2
DC Characteristics
TA = –40°C to +85°C, VCC = 1.8V to 3.6V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
V
IL
Input Low Voltage, except
XTAL1 and RESET pin
V
CC = 1.8V - 3.6V
–0.5
0.2V
CC
(1)
V
V
IH
Input High Voltage,
except XTAL1 and
RESET pins
V
CC = 1.8V - 3.6V
0.7V
CC
(2)
V
CC + 0.5
V
VIL1
Input Low Voltage,
XTAL1 pin
VCC = 1.8V - 3.6V
–0.5
0.1VCC
(1)
V
VIH1
Input High Voltage,
XTAL1 pin
VCC = 1.8V - 3.6V
0.9VCC
(2)
VCC + 0.5
V
V
IL2
Input Low Voltage,
RESET pin
V
CC = 1.8V - 3.6V
–0.5
0.2V
CC
(1)
V
VIH2
Input High Voltage,
RESET pin
VCC = 1.8V - 3.6V
0.9VCC
(2)
VCC + 0.5
V
VIL3
Input Low Voltage,
RESET pin as I/O
VCC = 1.8V - 3.6V
–0.5
0.3VCC
(1)
V
V
IH3
Input High Voltage,
RESET pin as I/O
V
CC = 1.8V - 3.6V
0.6V
CC
(2)
V
CC + 0.5
V
VOL
Output Low Voltage(3),
I/O pin except RESET
IOL = 0.5 mA, VCC = 1.8V
0.4
V
VOH
Output High Voltage(4),
I/O pin except RESET
IOH = –0.5 mA, VCC = 1.8V
1.2
V
I
IL
Input Leakage
Current I/O Pin
VCC = 3.6V, pin low
(absolute value)
1µA
I
IH
Input Leakage
Current I/O Pin
V
CC = 3.6V, pin high
(absolute value)
1µA
R
RST
Reset Pull-up Resistor
30
60
k
Ω
R
PU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com