Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3S140 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S140
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S140 Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S140 Datasheet HTML 1Page - Diodes Incorporated PD3S140 Datasheet HTML 2Page - Diodes Incorporated PD3S140 Datasheet HTML 3Page - Diodes Incorporated PD3S140 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PD3S140
Document number: DS30862 Rev. 10 - 2
2 of 4
www.diodes.com
July 2009
© Diodes Incorporated
PD3S140
PowerDI is a registered trademark of Diodes Incorporated.
0
0.25
0.50
0.75
1.0
1.25
0
0.5
1.0
1.5
2.0
2.5
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
I
PK
AV
I
=1 ( D C )
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
100
μ
100m
1m
10m
1
0.01
0.1
1
10
100
1,000
10,000
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
10
15
20
25
30
40
35
5
0
0.001
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
f = 1MHz
10
15
20
25
150
125
100
75
50
25
30
5
1.0
1.2
0.8
0.6
0.4
0.2
0
025
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
Note 2
Note 3
0
50
200
150
100
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R
Note 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com