Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2004K Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2004K
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004K Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2004K Datasheet HTML 1Page - Diodes Incorporated DMN2004K Datasheet HTML 2Page - Diodes Incorporated DMN2004K Datasheet HTML 3Page - Diodes Incorporated DMN2004K Datasheet HTML 4Page - Diodes Incorporated DMN2004K Datasheet HTML 5Page - Diodes Incorporated DMN2004K Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2004K
Document number: DS30938 Rev. 5 - 2
2 of 6
www.diodes.com
November 2010
© Diodes Incorporated
DMN2004K
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 4) VGS = 4.5V
Steady
State
TA = 25°C
TA = 85°C
ID
630
450
mA
Drain Current (Note 4) VGS = 1.8V
Steady
State
TA = 25°C
TA = 85°C
ID
410
300
mA
Pulsed Drain Current (Note 5)
IDM
1.5
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
PD
350
mW
Thermal Resistance, Junction to Ambient
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±1
μA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.5
⎯
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
0.4
0.5
0.7
0.55
0.70
0.9
Ω
VGS = 4.5V, ID = 540mA
VGS = 2.5V, ID = 500mA
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
|Yfs|
200
⎯
⎯
ms
VDS =10V, ID = 0.2A
Source Current
IS
⎯
⎯
0.5
A
⎯
Diode Forward Voltage (Note 6)
VSD
0.6
⎯
1
V
VGS = 0V, IS = 500mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
⎯
150
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
⎯
25
pF
Reverse Transfer Capacitance
Crss
⎯
⎯
20
pF
Gate Resistance
Rg
⎯
292
⎯
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
⎯
0.9
⎯
nC
VDS = 15V, VGS = 4.5V, ID = 0.5A
Gate-Source Charge
Qgs
⎯
0.2
⎯
Gate-Drain Charge
Qgd
⎯
0.2
⎯
Turn-On Delay Time
tD(on)
⎯
5.7
⎯
ns
VGS = 8V, VDS = 15V,
RG = 6Ω, RL = 30Ω
Turn-On Rise Time
tr
⎯
8.4
⎯
Turn-Off Delay Time
tD(off)
⎯
59.4
⎯
Turn-Off Fall Time
tf
⎯
37.6
⎯
Body Diode Reverse Recovery Time
trr
⎯
5.5
⎯
ns
IS = 0.5A, dI/dt = -100A/μs
Body Diode Reverse Recovery Charge
Qrr
⎯
0.85
⎯
nC
IS = 0.5A, dI/dt = -100A/μs
Notes:
4. Device mounted on FR-4 PCB, with minimum recommended pad layout, single sided.
5. Pulse width
≤10μS, Duty Cycle ≤1%.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com