Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2004DMK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2004DMK
Description  DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2004DMK Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2004DMK Datasheet HTML 1Page - Diodes Incorporated DMP2004DMK Datasheet HTML 2Page - Diodes Incorporated DMP2004DMK Datasheet HTML 3Page - Diodes Incorporated DMP2004DMK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMP2004DMK
Document number: DS30939 Rev. 3 - 2
1 of 4
www.diodes.com
November 2007
© Diodes Incorporated
DMP2004DMK
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
•
Dual P-Channel MOSFET
•
Low On-Resistance
•
Very Low Gate Threshold Voltage VGS(th) < 1V
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 2)
•
ESD Protected Gate
•
"Green" Device (Note 3)
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals Connections: See Diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.015 grams (approximate)
SOT-26
S
1
D
1
D
2
S
2
G
1
G
2
ESD PROTECTED
TOP VIEW
Internal Schematic
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 1)
ID
-550
mA
Pulsed Drain Current
IDM
-1.9
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
250
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = -250mA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1.0
μA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±1.0
μA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
-0.5
⎯
-1.0
V
VDS = VGS, ID = -250μA
VGS = -4.5V, ID = -430mA
VGS = -2.5V, ID = -300mA
Static Drain-Source On-Resistance
RDS (ON)
⎯
0.7
1.1
1.7
0.9
1.4
2.0
Ω
VGS = -1.8V, ID = -150mA
Forward Transfer Admittance
|Yfs|
200
⎯
⎯
mS
VDS =10V, ID = -0.2A
Diode Forward Voltage (Note 4)
VBSD
-0.5
⎯
-1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
⎯
175
pF
Output Capacitance
Coss
⎯
⎯
30
pF
Reverse Transfer Capacitance
Crss
⎯
⎯
20
pF
VDS = -16V, VGS = 0V
f = 1.0MHz
Notes:
1.
Device mounted on FR-4 PCB.
2.
No purposefully added lead.
3.
Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4.
Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMP2004DMK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2004DMK DIODES-DMP2004DMK_15 Datasheet
166Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Similar Description - DMP2004DMK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com