Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2104V Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2104V
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2104V Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2104V Datasheet HTML 1Page - Diodes Incorporated DMP2104V Datasheet HTML 2Page - Diodes Incorporated DMP2104V Datasheet HTML 3Page - Diodes Incorporated DMP2104V Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMP2104V
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.27
0.3
-50
-25
0
25
50
75
100
125 150
V
= -1.8V
I = -200mA
GS
D
V
= -2.5V
I = -670mA
GS
D
V
= -4.5V
I = -950mA
GS
D
100
1,000
10,000
2
4
6
8
10
12
14
16
18
20
V
= 0V
GS
T = 150°C
j
T = 125°C
j
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
V
= 0V
T = 25°C
GS
j
Ordering Information (Note 5)
Part Number
Case
Packaging
DMP2104V-7
SOT-563
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DMV
YM
S
D
D
G
DD
DMV = Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
DMP2104V
Document number: DS30942 Rev. 5 - 2
3 of 4
www.diodes.com
November 2007
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com