Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH24 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBTH24
Description  NPN SURFACE MOUNT VHF/UHF TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTH24 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBTH24_2 Datasheet HTML 1Page - Diodes Incorporated MMBTH24_2 Datasheet HTML 2Page - Diodes Incorporated MMBTH24_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTH24
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Features
•
Designed for VHF/UHF Amplifier Applications and High
Output VHF Oscillators
•
High Current Gain Bandwidth Product
•
Ideal for Mixer and RF Amplifier Applications with
collector currents in the 100
μA - 30 mA Range
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
C
B
E
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current - Continuous (Note 1)
IC
50
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
⎯
V
IC = 1mA, IB = 0
Collector-Base Breakdown Voltage
V(BR)CBO
40
⎯
V
IC = 100μA, IE = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4.0
⎯
V
IE = 10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
100
nA
VCB = 30V, IE = 0
Emitter Cutoff Current
IEBO
⎯
100
nA
VEB = 2V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
30
⎯
⎯
IC = 8mA, VCE = 10.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
0.5
V
IC = 4mA, IB = 400μA
Base-Emitter On Voltage
VBE(SAT)
⎯
0.95
V
IC = 4mA, VCE = 10.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
400
⎯
MHz
VCE = 10V, f = 100MHz, IC = 8mA
Collector-Base Capacitance
CCB
⎯
0.7
pF
VCB = 10V, f = 1.0MHz, IE = 0
Collector-Base Feedback Capacitance
CRB
⎯
0.65
pF
VCB = 10V, f = 1.0MHz, IE = 0
Collector-Base Time Constant
Rb’Cc
⎯
9
ps
IC = 4mA, VCB = 10V, f = 31.8MHz
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch pad layout, as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead. Halogen and Antimony Free.
4.
Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS31034 Rev. 13 - 2
1 of 3
www.diodes.com
MMBTH24
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - MMBTH24_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTH24-7 DIODES-MMBTH24-7 Datasheet
47Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
MMBTH24-7-F DIODES-MMBTH24-7-F Datasheet
310Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 12 - 2
logo
Leshan Radio Company
MMBTH24LT1 LRC-MMBTH24LT1 Datasheet
51Kb / 2P
VHF Mixer Transistors(NPN Silicon)
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24_1 Datasheet
310Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 12 - 2
MMBTH24 DIODES-MMBTH24_15 Datasheet
563Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Rev 13
More results

Similar Description - MMBTH24_2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2643 NTE-NTE2643 Datasheet
22Kb / 2P
Silicon NPN Transistor, VHF/UHF Low Noise Amp (Surface Mount)
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
MMBTH24 DIODES-MMBTH24 Datasheet
47Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
logo
Motorola, Inc
MMT918 MOTOROLA-MMT918 Datasheet
34Kb / 1P
NPN VHF/UHF TRANSISTOR
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10_1 Datasheet
307Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 11 - 2
MMBTH24 DIODES-MMBTH24_1 Datasheet
310Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 12 - 2
logo
ON Semiconductor
MMBTH10M3T5G ONSEMI-MMBTH10M3T5G Datasheet
125Kb / 5P
NPN VHF/UHF Transistor
January, 2009 ??Rev. 0
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10_2 Datasheet
557Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 12 - 2
MMBTH10 DIODES-MMBTH10_15 Datasheet
557Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Rev 12
MMBTH24 DIODES-MMBTH24_15 Datasheet
563Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Rev 13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com