Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1132P Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1132P
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1132P Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1132P Datasheet HTML 1Page - Diodes Incorporated 2DB1132P Datasheet HTML 2Page - Diodes Incorporated 2DB1132P Datasheet HTML 3Page - Diodes Incorporated 2DB1132P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DB1132P/Q/R
PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (2DD1664)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT89-3L
•
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.072 grams (approximate)
SOT89-3L
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
125
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
⎯
⎯
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-32
⎯
⎯
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
⎯
⎯
V
IE = -50μA, IC = 0
Collector Cut-Off Current
ICBO
⎯
⎯
-0.5
μA
VCB = -20V, IE = 0
Emitter Cut-Off Current
IEBO
⎯
⎯
-0.5
μA
VEB = -4V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.125
-0.5
V
IC = -500mA, IB = -50mA
82
⎯
180
⎯
120
⎯
270
⎯
DC Current Gain
2DB1132P
2DB1132Q
2DB1132R
hFE
180
⎯
390
⎯
VCE = -3V, IC = -100mA
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
⎯
190
⎯
MHz
VCE = -5V, IE = 50mA
f = 30MHz
Output Capacitance
Cob
⎯
12
30
pF
VCB = -10V, IE = 0,
f = 1MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can be found on our
website at http://www.diodes.com/datasheets/ap02001.pdf.
4.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
DS31142 Rev. 4 - 2
1 of 4
www.diodes.com
2DB1132P/Q/R
© Diodes Incorporated


Similar Part No. - 2DB1132P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1132P-13 DIODES-2DB1132P-13 Datasheet
161Kb / 6P
32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
Rev 5
2DB1132P DIODES-2DB1132P_11 Datasheet
161Kb / 6P
32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
Rev 5
More results

Similar Description - 2DB1132P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
DZT953 DIODES-DZT953_1 Datasheet
175Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 6 - 2
2DB1188P DIODES-2DB1188P Datasheet
235Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31144 Rev. 4 - 2
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31619 Rev. 2 - 2
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
PNP Transistor Surface Mount
logo
Diodes Incorporated
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 2
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 5
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com