Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1188P-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DB1188P-13
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188P-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  2DB1188P-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
f = 1MHz
Ordering Information (Note 5)
Device
Packaging
Shipping
2DB1188P-13
SOT89-3L
2500/Tape & Reel
2DB1188Q-13
SOT89-3L
2500/Tape & Reel
2DB1188R-13
SOT89-3L
2500/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/ap02007.pdf.
Marking Information
P23x
YWW
(Top View)
P23x = Product Type Marking Code:
Where
P23P = 2DB1188P
P23Q = 2DB1188Q
P23R = 2DB1188R
YWW = Date Code Marking
Y = Last digit of year ex: 7 = 2007
WW = Week code 01 - 52
Package Outline Dimensions
SOT89-3L
Dim
Min
Max
Typ
A
1.40
1.60
1.50
B
0.45
0.55
0.50
B1
0.37
0.47
0.42
C
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.50
1.70
1.60
E
2.40
2.60
2.50
e
—
—
1.50
H
3.95
4.25
4.10
L
0.90
1.20
1.05
All Dimensions in mm
e
D
H
L
A
C
E
8°
(4X
)
B1
B
D1
R
0.
20
0
DS31144 Rev. 4 - 2
3 of 4
www.diodes.com
2DB1188P/Q/R
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com