Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT751-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXT751-13
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT751-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DXT751-13 Datasheet HTML 1Page - Diodes Incorporated DXT751-13 Datasheet HTML 2Page - Diodes Incorporated DXT751-13 Datasheet HTML 3Page - Diodes Incorporated DXT751-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-I , COLLECTOR CURRENT (A)
Fig. 3 Typical DC Current Gain
vs. Collector Current
C
0
50
100
150
200
250
300
350
400
-I
COLLECTOR CURRENT (A)
Fig. 4 Typical Collector-Emitter Saturation
Voltage vs. Collector Current
C,
0
0.05
0.1
0.15
0.2
0.25
0.3
1
-I
COLLECTOR CURRENT (A)
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
C,
-I
COLLECTOR CURRENT (A)
Fig. 6 Typical Base-Emitter Saturation
Voltage vs. Collector Current
C,
V
REVERSE VOLTAGE (V)
Fig. 7 Typical Capacitance Characteristics
R,
0
50
100
150
200
250
300
350
400
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
0
50
100
150
200
0
10
203040
50
60
70
80
90 100
V
= -10V
f = 100MHz
CE
DS31185 Rev. 3 - 2
3 of 4
www.diodes.com
DXT751
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com