Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNLS350Y Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DNLS350Y
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS350Y Datasheet(HTML) 1 Page - Diodes Incorporated

  DNLS350Y Datasheet HTML 1Page - Diodes Incorporated DNLS350Y Datasheet HTML 2Page - Diodes Incorporated DNLS350Y Datasheet HTML 3Page - Diodes Incorporated DNLS350Y Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DNLS350Y
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (DPLS350Y)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT89-3L
•
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.072 grams (approximate)
SOT89-3L
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Peak Pulse Collector Current
ICM
5
A
Continuous Collector Current
IC
3
A
Base Current
IB
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
1
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS31208 Rev. 4 - 2
1 of 4
www.diodes.com
DNLS350Y
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - DNLS350Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DNLS350Y DIODES-DNLS350Y Datasheet
500Kb / 8P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 6
DNLS350Y-13 DIODES-DNLS350Y-13 Datasheet
500Kb / 8P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 6
DNLS350Y DIODES-DNLS350Y_15 Datasheet
190Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 4
DNLS350Y DIODES-DNLS350Y_17 Datasheet
500Kb / 8P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results

Similar Description - DNLS350Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS30101L DIODES-DSS30101L Datasheet
130Kb / 6P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31588 Rev. 3 - 2
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31605 Rev. 2 - 2
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31635 Rev. 2 - 2
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31637 Rev. 3 - 2
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31671 Rev. 2 - 2
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31689 Rev. 2 - 2
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 3
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com