Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB2227A-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMB2227A-7
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB2227A-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMB2227A-7 Datasheet HTML 1Page - Diodes Incorporated DMB2227A-7 Datasheet HTML 2Page - Diodes Incorporated DMB2227A-7 Datasheet HTML 3Page - Diodes Incorporated DMB2227A-7 Datasheet HTML 4Page - Diodes Incorporated DMB2227A-7 Datasheet HTML 5Page - Diodes Incorporated DMB2227A-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-I , COLLECTOR CURRENT (A)
Fig. 8 Typical DC Current Gain vs. Collector Current (2907A)
C
-I , COLLECTOR CURRENT (mA)
Fig. 9 Typical Collector-Emitter Saturation Voltage
vs. Collector Current (2907A)
C
0
0.2
0.4
1
1.2
0.8
0.6
110
0.1
100
1,000
-I , COLLECTOR CURRENT (mA)
Fig. 10 Typical Base-Emitter Turn-On Voltage
vs. Collector Current (2907A)
C
-I , COLLECTOR CURRENT (mA)
Fig. 11 Typical Base-Emitter Saturation Voltage
vs. Collector Current (2907A)
C
1
10
0.1
100
1,000
0
0.2
0.4
1
1.2
0.8
0.6
I/I = 10
CB
0
5
10
15
20
35
30
25
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig. 12 Typical Capacitance Characteristics (2907A)
R
0
50
100
150
200
500
450
400
350
300
250
040
60
80
20
100
-I , COLLECTOR CURRENT (mA)
Fig. 13 Typical Gain-Bandwidth Product
vs. Collector Current (2907A)
C
DS31217 Rev. 4 - 2
5 of 6
www.diodes.com
DMB2227A
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com