Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT5401 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXT5401
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT5401 Datasheet(HTML) 2 Page - Diodes Incorporated

  DXT5401 Datasheet HTML 1Page - Diodes Incorporated DXT5401 Datasheet HTML 2Page - Diodes Incorporated DXT5401 Datasheet HTML 3Page - Diodes Incorporated DXT5401 Datasheet HTML 4Page - Diodes Incorporated DXT5401 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DXT5401
Document number: DS31226 Rev. 3 - 2
2 of 5
www.diodes.com
March 2010
© Diodes Incorporated
DXT5401
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-160
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-150
⎯
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
⎯
V
IE = -10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
-50
nA
μA
VCB = -120V, IE = 0
VCB = -120V, IE = 0, TA = 100°C
Emitter Cutoff Current
IEBO
⎯
-50
nA
VEB = -3.0V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
50
60
50
⎯
240
⎯
⎯
VCE = -5.0V, IC = -1.0mA
VCE = -5.0V, IC = -10mA
VCE = -5.0V, IC = -50mA
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.2
-0.5
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-1.0
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
6.0
pF
VCB = -10V, f = 1.0MHz, IE = 0
Small Signal Current Gain
hfe
40
200
⎯
VCE = -10V, IC = -1.0mA, f = 1.0kHz
Current Gain-Bandwidth Product
fT
100
300
MHz
VCE = -10V, IC = -10mA, f = 100MHz
Noise Figure
NF
⎯
8.0
dB
VCE = -5.0V, IC = -200μA, RS = 10Ω, f = 1.0kHz
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤ 2%.
0
0.2
0.4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation
vs. Ambient Temperature (Note 3)
A
0.6
0.8
1.0
0
0
1
2
3
4
5
678
9
10
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
0
50
100
150
200
250
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com